Part Number Hot Search : 
LC75864E 14D431K L6232 C3040 580024 CS5524 SMBJ26A 40102
Product Description
Full Text Search
 

To Download CHDTA124EMPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT PNP Digital Silicon Transistor
VOLTAGE 50 Volts
APPLICATION
* Switching circuit, Inverter, Interface circuit, Driver circuit.
CHDTA124EMPT
CURRENT 30 mAmpere
FEATURE
* Small surface mounting type. (SOT-723) * High current gain. * Suitable for high packing density. * * * * Low colloector-emitter saturation. High saturation current capability. Internal isolated PNP transistors in one package. Built in bias resistor(R1=22k, Typ. )
0.17~0.27 0.4 1.15~1.25 0.4
(1)
SOT-723
(3)
(2)
0.75~0.85 0.27~0.37
CONSTRUCTION
* One PNP transistors and bias of thin-film resistors in one package.
0.17~0.27 0.75~0.85
0.11~0.14
0.45~0.55
Gnd
In 1
CIRCUIT
2
1.15~1.25
R2 TR R1
3 Out
Dimensions in millimeters
SOT-723
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL VCC VIN IO DC Output current IC(Max.) PTOT TSTG TJ RJ-S Note 1. Transistor mounted on an FR4 printed-circuit board.
2004-06
PARAMETER Supply voltage Input voltage
CONDITIONS -
MIN.
MAX. -50 +10 -30 V V
UNIT
-40 - - Tamb 25 OC, Note 1 - -55 - junction - soldering point -
mA -100 150 +150 150 140 mW
O
Total power dissipation Storage temperature Junction temperature Thermal resistance
C C C/W
O
O
RATING CHARACTERISTIC ( CHDTA124EMPT )
CHARACTERISTICS Tamb = 25 C unless otherwise specied. SYMBOL VIoff) VI(on) VO(on) II IC(off) hFE R1 R2/R1 fT PARAMETER Input off voltage Input on voltage Output voltage Input current Output current DC current gain Input resistor Resistor ratio Transition frequency IC=-5mA, VCE=-10.0V f =100MHz CONDITIONS IO=-100uA; VCC=-5.0V IO=-5mA; VO=-0.2V IO=-10mA; II=-0.5mA VI=-5V VI=0V; VCC=-50V IO=-5mA; VO=-5.0V - - - - 56 15.4 0.8 - MIN. -0.5 - - -0.1 - - - 22.0 1.0 250 TYP. - -3.0 -0.3 -0.36 -0.5 - 28.6 1.2 - K MHz MAX. V V V mA uA UNIT
Note 1.Pulse test: tp300uS; 0.02.
RATING CHARACTERISTIC CURVES ( CHDTA124EMPT )
Typical Electrical Characteristics
Fig.1 Input voltage vs. output current (ON characteristics)
-100 -50 VO=- 0.3V
Fig.2 Output current vs. input voltage (OFF characteristics)
-10m VCC =- 5V -5m
OUTPUT CURRENT : Io (A)
INPUT VOLTAGE : VI(on) (V)
-2m -1m -500 -200 -100 -50 -20 -10 -5 -2 -1 -0
-20 -10 -5 -2 -1 -500m -200m -100m -100 -200 -500 -1m -2m -5m -10m -20m -50m -100m
Ta =- 40OC 25OC = 100OC
Ta=100OC 25OC -40 OC
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
OUTPUT CURRENT : IO (A)
INPUT VOLTAGE : VI(off) (V)
Fig.3 DC current gain vs. output current
1k 500
DC CURRENT GAIN : GI
Fig.4 Output voltage vs. output current
-1 -500m
OUTPUT VOLTAGE : VO(on) (V)
VO =- 5V Ta=100OC 25OC -40OC
lO/lI=20
Ta=100OC 25OC -40 OC
200 100 50 20 10 5 2
-200m -100m -50m -20m -10m -5m -2m
1 -100 -200
-500 -1m
-2m
-5m -10m -20m -50m -100m
-1m -100 -200
-500 -1m -2m
-5m -10m -20m -50m -100m
OUTPUT CURRENT : IO (A)
OUTPUT CURRENT : IO (A)


▲Up To Search▲   

 
Price & Availability of CHDTA124EMPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X